Part Number Hot Search : 
PSEXXXXX EM518 MH110 BA7781 DG508 SBR1060 TA7256 UPG2118
Product Description
Full Text Search
 

To Download CGR113T075X3L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type CGR 105 C High Temp Screw Terminal Aluminum Electrolytic
105 C, Screw Terminal Capacitors
Type CGR screw terminal, aluminum electrolytic capacitors have excellent reliability and are good for 2000 hours at 105 C at full rated voltage.
Highlights
* * * High reliability - 2000 hours at 105 C Screw Terminal Commercial Equivalent of MIL-C-350 18/04, 06, 10
Specifications
Capacitance Range: Voltage Range: Capacitance Tolerance:
330 to 100,000 F 7.5 to 200 WVdc -10% +75% (7.5 - 50 WVdc) -10% +50% (51 - 200 WVdc) Operating Temperature: -40 C to +105 C Ripple Current Multipliers: Ambient Temperature
25 C 2.00 35 C 1.88 45 C 1.72 55 C 1.58 65 C 1.42 85 C 1.00
Rated Voltage 10 to 75 76 to 250 120 Hz 1.000 1.000
Frequency / Ripple Multiplier 400 Hz 1.050 1.075 1000 Hz 2500 Hz 1.085 1.125 1.135 1.155 10 kHz 1.150 1.210
DC Leakage Current:
Click here to see: Hardware & Mounting Options QA Stability Test: Click here to see: Mechanical Details
I = 6 x 10 -6 CV after 5 minutes Not to exceed 4.0 mA C = Capacitance in F V = Rated Voltage I = Leakage current in mA Apply WVdc for 2000 h @ 105 C * Capacitance change 15% from initial limits * DC leakage current meets initial limits * ESR: 175% of initial measured value
Typical Max Ripple Catalog ESR 120 Hz () 0.0154 0.0043 0.0231 0.0161 120 Hz +85 C (A) RMS 10.6 30.0 7.9 10.3 Dia. Length (Inches) (Inches) 1.375 2.500 1.375 1.375 2.625 5.125 2.125 2.625
Ratings
Typical Max Ripple Catalog Cap (F) 34,000 CGR343U7R5U3C 47,000 CGR473U7R5V3C 66,000 CGR663U7R5V4C 24,000 CGR243U010R3C Part Number ESR 120 Hz () 0.0128 0.0098 0.0068 0.011 120 Hz +85 C (A) RMS 14.4 17.8 23.8 9.5 Dia. Length Cap (F) 12,000 CGR123U012R2L 100,000 CGR104U012W5C 7,700 1.375 3.125 11,000 CGR772U016R2C CGR113U016R2L (Inches) (Inches) 1.75 2.00 2.00 3.125 3.125 4.125 Part Number
7.5 WVdc ( 12 Vdc Surge )
12 WVdc ( 15 Vdc Surge )
16 WVdc ( 15 Vdc Surge )
10 WVdc ( 12 Vdc Surge )
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type CGR 105 C High Temp Screw Terminal Aluminum Electrolytic
Ratings
Typical Max Ripple Catalog Cap (F) 14,000 CGR143U016R3C 16,000 CGR163U016U2L 20,000 CGR203U016R4C 30,000 CGR303U016V3C 42,000 CGR423U016V4C 51,000 CGR513U016W3C 4,600 CGR462U020R2C 10,000 CGR103U020R3L 21,000 CGR213U020V3L 2,200 CGR222U030R1N 4,900 CGR492U030U2C 7,400 CGR742U030R3L 10,000 CGR103U030R4L 12,000 CGR123U030V3C 15,000 CGR153U030V3L 27,000 CGR273U030V5L 30,000 CGR303U030W4C 2,100 CGR212U040R2C 3,900 CGR392U040R3C 5,600 CGR562U040R4C 7,400 CGR742U040R5C 9,600 CGR962U040V3L 13,000 CGR133U040V4L 22,000 CGR223U040W4L 31,000 CGR313U040X4L Part Number ESR 120 Hz () 0.0119 0.0173 0.0084 0.0098 0.0075 0.0085 0.022 0.011 0.009 0.035 0.025 0.011 0.008 0.010 0.009 0.005 0.006 0.025 0.013 0.009 0.010 0.009 0.007 0.006 0.005 120 Hz +85 C Dia. Length Cap (F) 1,000 CGR102U050R1N 1,500 CGR152U050R2C 2,900 CGR292U050R3C 4,100 CGR412U050R4C 6,200 CGR622U050R5L 7,600 CGR762U050V3C 10,000 CGR103U050V4C 16,000 CGR163U050V5L 21,000 CGR213U050W4L 27,000 CGR273U050W5L 1.375 1.750 1.375 1.375 2.000 2.000 2.000 2.500 1.375 1.375 1.375 1.375 2.000 2.000 2.500 3.000 1.875 2.125 3.625 4.625 3.125 3.625 5.625 4.125 2.125 3.125 4.125 5.125 3.625 4.625 4.625 4.625 37,000 CGR373U050X5L 1,200 CGR122T075R2L 1,800 CGR182T075R3L 2,000 CGR202U075R3C 2,200 CGR222T075R4C 3,100 CGR312T075V2L 4,100 CGR412T075U4C 4,700 CGR472T075V3L 7,500 CGR752U075V5L 8,000 CGR802T075W3L 9,600 CGR962T075W4C 11,000 CGR113T075X3L 19,000 CGR193T075X5L 330 CGR331T100R2C 2,700 CGR272T100V4L 4,500 CGR452T100W4L 8,000 CGR802T100X5L 3,500 CGR352T200X4C 5,200 CGR522T200X5L (A) RMS (Inches) (Inches) 12.9 11.6 17.2 17.8 22.7 22.0 8.1 14.6 19.7 5.9 10.3 14.6 18.9 17.8 19.7 30.0 29.1 7.7 12.2 16.6 12.3 19.7 25.0 30.0 30.0 1.375 1.750 1.375 2.000 2.000 2.500 1.375 1.375 2.000 3.125 2.625 4.125 3.125 4.125 3.125 2.125 3.625 3.625 Catalog Part Number Typical Max Ripple Max ESR 120 Hz () 0.1001 0.0672 0.0357 0.0180 0.0168 0.0165 0.0113 0.0085 0.0077 0.0060 0.0051 0.0497 0.0329 0.0220 0.0200 0.0350 0.0140 0.0150 0.0095 0.0085 0.0094 0.0102 0.0056 0.0940 0.0120 0.0094 0.0085 0.024 0.017 120 Hz +85 C Dia. Length (A) RMS (Inches) (Inches) 3.5 4.7 7.4 8.3 14.0 13.7 18.5 24.2 26.8 30.0 30.0 5.9 8.2 6.7 7.9 11.0 10.9 15.2 16.2 16.4 23.2 23.8 30.0 2.8 18.8 24.3 21.8 11.5 15.4 1.375 1.375 1.375 1.375 1.375 2.000 2.000 2.000 2.500 2.500 3.000 1.375 1.375 1.375 1.375 2.000 1.750 2.000 2.000 2.500 2.500 3.000 3.000 1.375 2.000 2.500 3.000 3 3 1.875 2.125 3.125 4.125 5.625 3.125 4.125 5.625 4.625 5.625 5.625 2.625 3.625 3.125 4.125 2.625 4.125 3.625 5.625 3.625 4.125 3.625 5.625 2.125 4.625 4.625 5.625 4.125 5.625
16 WVdc ( 20 Vdc Surge )
50 WVdc ( 75 Vdc Surge )
20 WVdc ( 30 Vdc Surge )
30 WVdc ( 45 Vdc Surge )
75 WVdc ( 100 Vdc Surge )
40 WVdc ( 60 Vdc Surge )
100 WVdc ( 135 Vdc Surge )
200 WVdc ( 250 Vdc Surge )
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com


▲Up To Search▲   

 
Price & Availability of CGR113T075X3L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X